PART |
Description |
Maker |
ILC5062M46X ILC5062 ILC5062AIC23X ILC5062AIC24X IL |
CAP,Met Polypropylene,1.5uF,1.2KVDC,10-% Tol,10 % Tol RoHS Compliant: No RES 174K 1% 1/4W 1206 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 SOT-23 Power Supply reset Monitor with 1% precision 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 RES 1K74 SM 1/4W F 1206C THKF 100PPM TR Voltage Detector (3.1V) Voltage Detector (2.9V) Voltage Detector (2.8V) Voltage Detector (3.4V) Voltage Detector (4.6V) Voltage Detector (2.3V) Voltage Detector (2.6V) Voltage Detector (2.5V) Voltage Detector (2.7V)
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MAX6457UKD3A-T MAX6457UKD3AT MAX6457UKD0AT |
High-Voltage, Low-Current Voltage Monitors in SOT Packages 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
Maxim Integrated Products, Inc.
|
HVP125N2000 HVP125P2000 HVP050P5000 HVP080N3000 HV |
2 mA, high voltage power supply 5 mA, high voltage power supply 3 mA, high voltage power supply
|
Voltage Multipliers
|
ISL43410IU-T ISL43410IRZ ISL43410IUZ-T ISL43410IR- |
Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High Performance Analog Switch 2-CHANNEL, DBL POLE DBL THROW SWITCH, PDSO10
|
Intersil Corporation Intersil, Corp.
|
TC52 TC52N5022ECT TC52N2321ECT TC52N3222ECT TC52N1 |
The TC52 consists of two independent low power volt-age detectors in a space-saving 5-pin SOT-23A package. Typical supply current consumption is only 2 µA at an input voltage of 2V. The voltage detection threshold settings are factory Dual Channel Voltage Detector 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
Microchip
|
C69-012-02-0-IJBAA CAM-C69 CCM-C70 |
Power Supply Voltage & Signal Power Supply Voltage & Signal 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, PLUG
|
MITSUMI ELECTRIC CO., LTD.
|
IRDC3055 |
The IRU3055 is a 3-phase synchronous Buck controller which provides high performance DC to DC converter for high current and low voltage applications, such as power supply for Intel or AMD processors.
|
International Rectifier
|
2SC4849 |
HIGH-VOLTAGE SWITCHING TRANSISTOR (POWER SUPPLY) ( 120V/ 7A)
|
ROHM
|
TC4626 TC4626EOE TC4626EPA TC4627 TC4627COE TC4627 |
Power CMOS Drivers With Voltage Tripler The TC4626/4627 are single CMOS high speed drivers with an on-board voltage boost circuit. These parts work with an input supply voltage from 4 to 6 volts. The internal voltage booster will produce a VBOOST potential up to 12 volts above V
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
G400SD |
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.5A The G400SD is high frequency rectification for switching power supply The G400SD is high frequency rectification for switching power supply
|
GTM CORPORATION E-Tech Electronics LTD
|